Part Number Hot Search : 
ST100 J100A AD571 PT100MF KD90F160 251005B MC68307 MC100LV
Product Description
Full Text Search
 

To Download SR220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 2.0 Ampere
FEATURES
* * * * * *
SR220 THRU SR2200
Low switching noise Low forward voltage drop High current capability High switching capability High surge capabitity High reliability
DO-15
* * * * *
MECHANICAL DATA
Case: Molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.35 gram
.034 (0.9) 1.0 (25.4) MIN. .028 (0.7)
DIA.
.300 (7.6) .230 (5.8) .140 (3.6) .104 (2.6)
DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1.0 (25.4) MIN.
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100 o C SYMBOL VRRM VRMS VDC IO I FSM RqJA RqJL CJ TJ T STG SYMBOL VF IR SR220 SR230 .55 SR240 SR250 .70 0.2 2 SR220 20 14 20 SR230 30 21 30 SR240 40 28 40 SR250 50 35 50 SR260 60 42 60 2.0 60 45 15 180 150 -55 to + 150 SR260 SR280 SR2100 SR2150 SR2200 UNITS 80 56 80 100 70 100 150 105 150 200 140 200 Volts Volts Volts Amps Amps
0
C/W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) SR280 SR2100 SR2150 SR2200 UNITS .85 Volts mA mA 2006-11
NOTES : 1. Thermal Resistance : At 9.5mm lead lengths, PCB mounted. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
RATING AND CHARACTERISTICS CURVES ( SR220 THRU SR2200 )
2.5 2.0
SR
INSTANTANEOUS FORWARD CURRENT, (mA)
AVERAGE FORWARD CURRENT, (A)
10
1.0
TA = 125 OC
1.5
SR 22 SR 0~
25 SR 0~ 22
1.0 0.5 0
Single Phase Half Wave 60Hz Inductive or Resistive Load 0.375" (9.5mm) Lead Length
0.1 T = 75 OC A 0.01
TA = 25 OC SR220~SR240 SR250~SR260 SR280~SR2200
00
24 0
0
50
100
O
150
0.001
0
20
40
60
80
100
120
140
LEAD TEMPERATURE, ( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS REVERSE CURRENT, (A)
CJ, JUNCTION CAPACITANCE, (pF)
50
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
SR220~SR240
400 200 100 80 60 40 20 10
FIG.2 TYPICAL REVERSE CHARACTERISTICS
TJ = 25 OC
10 SR250~SR260
SR280~SR2200
1.0
TJ = 25 OC Pulse width=300mS 1% Duty Cycle
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
0.4
1.0
4
10
40
80100
INSTANTANEOUS FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
FIG.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, (A)
FIG.4 TYPICAL JUNCTION CAPACITANCE
60 50 40 30 20 10 0 1 2 5
8.3mS Single Half Sine-Wave JEDEC Method
10
20
50
100
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of SR220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X